PART |
Description |
Maker |
7C4282V_92V-15 7C4282V_92V-25 CY7C4282V CY7C4282V- |
64K/128Kx9 Low Voltage Deep Sync FIFOsw/ Retransmit & Depth Expansion From old datasheet system 64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion(128Kx9低压深同步先进先出(FIFO 64Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion(64Kx9 深同步先进先出(FIFO中断发深度扩展) 128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion(128Kx9低压深同步先进先出(FIFO 128Kx9低电压后同步FIFO的瓦重发
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
CY7C4281 CY7C428105 CY7C4291-10JXC CY7C4291-15JXC |
64K/128K x 9 Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4275V CY7C4275V-10ASC CY7C4285V-15ASI CY7C4285 |
3.3V operation for low power consumption and easy integration into low-voltage systems 32K/64Kx18 Low Voltage Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C4265V CY7C4275V CY7C4255V CY7C4285V 7C4285V |
32K/64Kx18 Low Voltage Deep Sync FIFOs From old datasheet system
|
Cypress
|
CY7C4261 CY7C4271 7C4261 |
16Kx9 Deep Sync FIFOs(16Kx9 位深同步先进先出(FIFO From old datasheet system 16K/32Kx9 Deep Sync FIFOs
|
Cypress Semiconductor Corp.
|
GS84032AB-100 GS84032AB-100I GS84032AB-150 GS84032 |
100MHz 12ns 128K x 32 4Mb sync burst SRAM 150MHz 10ns 128K x 32 4Mb sync burst SRAM 166MHz 8.5ns 128K x 32 4Mb sync burst SRAM
|
GSI Technology
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C4275 7C4285 |
32K/64Kx18 Deep Sync FIFOs From old datasheet system
|
Cypress
|
GS84032AT-100 GS84036AT-150 GS84036AT-150I GS84018 |
256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI[GSI Technology] ETC
|
CY7C1340G-133AXC CY7C1340G-133AXI CY7C1340G-200AXC |
128K X 32 CACHE SRAM, 2.6 ns, PQFP100 4-Mbit (128K x 32) Pipelined DCD Sync SRAM
|
CYPRESS SEMICONDUCTOR CORP
|
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
LP62S1024BM-55LLT LP62S1024BM-70LLT LP62S1024B-T L |
55ns; operating current:30mA; standby current:5uA; 128K x 8bit low voltage CMOS SRAM 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMICC[AMIC Technology]
|